Electronic Components Datasheet Search
  English  ▼

X  

UES701 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UES701
Description  ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES701 Datasheet(HTML) 3 Page - Microsemi Corporation

  UES701 Datasheet HTML 1Page - Microsemi Corporation UES701 Datasheet HTML 2Page - Microsemi Corporation UES701 Datasheet HTML 3Page - Microsemi Corporation UES701 Datasheet HTML 4Page - Microsemi Corporation UES701 Datasheet HTML 5Page - Microsemi Corporation UES701 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0224, Rev. 2 (111556)
©2011 Microsemi Corporation
Page 3 of 6
UES701 – 703 & UES701HR2 – 703HR2
SYMBOLS & DEFINITIONS
Symbol
Definition
IF
Forward Current: The forward current dc value, no alternating component.
IFSM
Maximum Forward Surge Current: The forward current, surge peak or rated forward surge current.
IO
Average Rectified Output Current: The Output Current averaged over a full cycle with a 50 Hz or 60 Hz sine-wave
input and a 180 degree conduction angle.
IR
Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and temperature.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing from
the forward direction to the reverse direction and a specified decay point after a peak reverse current occurs.
V F
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
V R
Reverse Voltage: The reverse voltage dc value, no alternating component.
V RRM
Repetitive Peak Reverse Voltage: The peak reverse voltage including all repetitive transient voltages but excluding all
non-repetitive transient voltages.
V RWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range
excluding all transient voltages (ref JESD282-B). Also sometimes known as PIV.
ELECTRICAL CHARACTERISTICS
Type
Maximum
Forward
Voltage
V F
Maximum
Reverse
Current
IR
Maximum
Reverse
Recovery
Time
trr
T C = 25
oC
T C = 100
oC
T C = 125
oC
T C =
25
oC
T C =
100
oC
T C = 125
oC
UES701
UES702
UES703
0.95 V
@
IF = 25 A
N/A
0.825 V
@
IF = 25 A
20
µA
@
V RWM
N/A
4 mA
@
V RWM
35 ns
(1)
NOTES: 1. Measured in circuit IF = 0.5 A, I R = 1 A, IREC = 0.25 A.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com