Electronic Components Datasheet Search
  English  ▼

X  

UES701 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # UES701
Description  ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES701 Datasheet(HTML) 4 Page - Microsemi Corporation

  UES701 Datasheet HTML 1Page - Microsemi Corporation UES701 Datasheet HTML 2Page - Microsemi Corporation UES701 Datasheet HTML 3Page - Microsemi Corporation UES701 Datasheet HTML 4Page - Microsemi Corporation UES701 Datasheet HTML 5Page - Microsemi Corporation UES701 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T4-LDS-0224, Rev. 2 (111556)
©2011 Microsemi Corporation
Page 4 of 6
UES701 – 703 & UES701HR2 – 703HR2
GRAPHS
N – CYCLES OF 60 Hz SINEWAVE
tP – PULSE WIDTH (ms)
FIGURE 1
FIGURE 2
Maximum Forward Surge vs Number of Cycles
Thermal Impedance vs. Pulse Width
VF – FORWARD VOLTAGE (V)
FIGURE 4
Reverse-Recovery Circuit
FIGURE 3
Forward Current vs. Forward Voltage
NOTES:
1. Oscilloscope: Rise time < 3 ns; input impedance = 50
Ω.
2. Pulse Generator: Rise time < 8 ns; source impedance 10
Ω.
3. Current viewing resistor, non-inductive, coaxial recommend.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com