Electronic Components Datasheet Search
  English  ▼

X  

UES701 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UES701
Description  ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES701 Datasheet(HTML) 1 Page - Microsemi Corporation

  UES701 Datasheet HTML 1Page - Microsemi Corporation UES701 Datasheet HTML 2Page - Microsemi Corporation UES701 Datasheet HTML 3Page - Microsemi Corporation UES701 Datasheet HTML 4Page - Microsemi Corporation UES701 Datasheet HTML 5Page - Microsemi Corporation UES701 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0224, Rev. 2 (111556)
©2011 Microsemi Corporation
Page 1 of 6
UES701 – 703 & UES701HR2 – 703HR2
Available on
commercial
versions
ULTRAFAST RECTIFIERS,
High Efficiency 25A and 30A
High-Reliability
screening available
DESCRIPTION
The UES701(HR2) through UES703(HR2) series of ultrafast high-efficiency rectifiers is
specifically designed for operation in power switching circuits operating at frequencies of 20
kHz or higher. The low thermal resistance and forward voltage drop of this series allows the
user to replace larger DO-5 packaged devices in many applications. Microsemi also offers
numerous other products to meet higher and lower power voltage regulation applications.
DO-4 Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
Very low forward voltage (0.825 V @ IF = 25 A).
•
Very fast recovery times (35-50 ns).
•
Low thermal resistance.
•
High reliability screening option.
•
Mechanically rugged.
•
Both polarities available.
•
RoHS compliant devices available by adding “e3” suffix (commercial grade only).
APPLICATIONS / BENEFITS
•
Power switching circuits 20 kHz and above with minimal parasitic switching losses.
•
Catch diodes for switching regulators.
•
Output rectifiers for high frequency square-wave inverters.
•
Extremely robust in power cycling.
•
High surge capability.
•
Hermetically sealed.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +175
oC
Thermal Resistance Junction-to-Case
RӨJC
1.5
oC/W
Working Peak Reverse Voltage
UES701
UES702
UES703
V RWM
50
100
150
V
Repetitive Peak Reverse Voltage
UES701
UES702
UES703
V RRM
50
100
150
V
RMS Forward Current
IF(RMS)
40
Amps
Non-Repetitive Sinusoidal Surge Current (8.3 ms)
IFSM
400
Amps
Maximum Average DC Output Current @ TC 100 ºC
IO
25
Amps


Similar Part No. - UES701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES701 MICROSEMI-UES701 Datasheet
117Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UES701 DIGITRON-UES701 Datasheet
215Kb / 3P
ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - UES701

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H30D05 MOSPEC-H30D05 Datasheet
141Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,50-200V)
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
Delta Electronics, Inc.
V48SH1R830NNFA DELTA-V48SH1R830NNFA Datasheet
743Kb / 13P
High efficiency: 89% @ 1.8V/30A
V48SH3R330NNFA DELTA-V48SH3R330NNFA Datasheet
752Kb / 13P
High efficiency: 91.0% @ 3.3V/30A
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
UES2604 NJSEMI-UES2604 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com