Electronic Components Datasheet Search
  English  ▼

X  

840004 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 840004
Description  FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

840004 Datasheet(HTML) 4 Page - Renesas Technology Corp

  840004 Datasheet HTML 1Page - Renesas Technology Corp 840004 Datasheet HTML 2Page - Renesas Technology Corp 840004 Datasheet HTML 3Page - Renesas Technology Corp 840004 Datasheet HTML 4Page - Renesas Technology Corp 840004 Datasheet HTML 5Page - Renesas Technology Corp 840004 Datasheet HTML 6Page - Renesas Technology Corp 840004 Datasheet HTML 7Page - Renesas Technology Corp 840004 Datasheet HTML 8Page - Renesas Technology Corp 840004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-LVCMOS/
LVTTL FREQUENCY SYNTHESIZER
840004 DATA SHEET
4
REVISION B 4/1/15
TABLE 5A. AC CHARACTERISTICS, V
DD
= V
DDA
= V
DDO
= 3.3V±5%, TA = 0°C TO 70°C
TABLE 5B. AC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, V
DDO
= 3.3V±5% OR 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
OUT
Output Frequency
F_SEL[1:0] = 00
186.67
212.5
226.66
MHz
F_SEL[1:0] = 01
140
159.375
170
MHz
F_SEL[1:0] = 10
93.33
156.25
113.33
MHz
F_SEL[1:0] = 11
46.67
106.25
56.66
MHz
tsk(o)
Output Skew; NOTE 1, 3
60
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 2
212.5MHz (637kHz - 10MHz)
0.49
ps
159.375MHz (637kHz - 10MHz)
0.55
ps
156.25MHz (1.875MHz - 20MHz)
0.56
ps
106.25MHz (637kHz - 10MHz)
0.79
ps
53.125MHz (637kHz - 10MHz)
0.65
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
F_SEL[1:0] = 00
41
59
%
F_SEL[1:0] = 01
43
57
%
F_SEL[1:0] = 10 or 11
48
52
%
NOTE 1: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at V
DDO
/2.
NOTE 2: Please refer to the Phase Noise Plot.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
OUT
Output Frequency
F_SEL[1:0] = 00
186.67
212.5
226.66
MHz
F_SEL[1:0] = 01
140
159.375
170
MHz
F_SEL[1:0] = 10
93.33
156.25
113.33
MHz
F_SEL[1:0] = 11
46.67
106.25
56.66
MHz
tsk(o)
Output Skew; NOTE 1, 3
60
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 2
212.5MHz (637kHz - 10MHz)
0.46
ps
159.375MHz (637kHz - 10MHz)
0.54
ps
156.25MHz (1.875MHz - 20MHz)
0.57
ps
106.25MHz (637kHz - 10MHz)
0.73
ps
53.125MHz (637kHz - 10MHz)
0.63
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
F_SEL[1:0] = 00
42
58
%
F_SEL[1:0] = 01
44
56
%
F_SEL[1:0] = 10 or 11
48
52
%
NOTE 1: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at V
DDO
/2.
NOTE 2: Please refer to the Phase Noise Plot.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com