Electronic Components Datasheet Search
  English  ▼

X  

840004 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 840004
Description  FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

840004 Datasheet(HTML) 2 Page - Renesas Technology Corp

  840004 Datasheet HTML 1Page - Renesas Technology Corp 840004 Datasheet HTML 2Page - Renesas Technology Corp 840004 Datasheet HTML 3Page - Renesas Technology Corp 840004 Datasheet HTML 4Page - Renesas Technology Corp 840004 Datasheet HTML 5Page - Renesas Technology Corp 840004 Datasheet HTML 6Page - Renesas Technology Corp 840004 Datasheet HTML 7Page - Renesas Technology Corp 840004 Datasheet HTML 8Page - Renesas Technology Corp 840004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-LVCMOS/
LVTTL FREQUENCY SYNTHESIZER
840004 DATA SHEET
2
REVISION B 4/1/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
C
PD
Power Dissipation Capacitance
8
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
V
DDO
= 3.3V±5%
17
Ω
V
DDO
= 2.5V±5%
21
Ω
Number
Name
Type
Description
1
F_SEL0
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
2, 9
nc
Unused
No connect.
3
nXTAL_SEL
Input
Pulldown
Selects between the crystal or REF_CLK inputs as the PLL reference
source. When HIGH, selects REF_CLK. When LOW, selects XTAL inputs.
LVCMOS/LVTTL interface levels.
4
REF_CLK
Input
Pulldown Single-ended LVCMOS/LVTTL reference clock input.
5
OE
Input
Pullup
Output enable pin. When HIGH, the outputs are active. When LOW, the
outputs are in a high impedance state. LVCMOS/LVTTL interface levels.
6
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are
reset causing the otuputs to go low. When logic LOW, the internal dividers
and the outputs are enabled. LVCMOS/LVTTL interface levels.
7
nPLL_SEL
Input
Pulldown
PLL Bypass. When LOW, the output is driven from the VCO output.
When HIGH, the PLL is bypassed and the output frequency = reference
clock frequency/N output divider.
LVCMOS/LVTTL interface levels.
8V
DDA
Power
Analog supply pin.
10
V
DD
Power
Core supply pin.
11,
12
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_OUT is the output.
XTAL_IN is the input.
13, 19
GND
Power
Power supply ground.
14, 15 17,
18
Q3, Q2,
Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
17
Ω typical output impedance.
16
V
DDO
Power
Output supply pin.
20
F_SEL1
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com