Electronic Components Datasheet Search
  English  ▼

X  

840004 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 840004
Description  FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

840004 Datasheet(HTML) 1 Page - Renesas Technology Corp

  840004 Datasheet HTML 1Page - Renesas Technology Corp 840004 Datasheet HTML 2Page - Renesas Technology Corp 840004 Datasheet HTML 3Page - Renesas Technology Corp 840004 Datasheet HTML 4Page - Renesas Technology Corp 840004 Datasheet HTML 5Page - Renesas Technology Corp 840004 Datasheet HTML 6Page - Renesas Technology Corp 840004 Datasheet HTML 7Page - Renesas Technology Corp 840004 Datasheet HTML 8Page - Renesas Technology Corp 840004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FemtoClocks™ Crystal-to-LVCMOS/
LVTTL Frequency Synthesizer
840004
DATASHEET
840004 REVISION B 4/1/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 840004 is a 4 output LVCMOS/LVTTL Synthesizer optimized
to generate Ethernet reference clock frequencies and is a member
of the HiPerClocks
TM
family of high performance clock solutions
from IDT. Using a 26.5625MHz, 18pF parallel resonant crystal, the
following frequencies can be generated based on the 2 frequency
select pins (F_SEL1:0): 212.5MHz, 159.375MHz, 156.25MHz,
106.25MHz, and 53.125MHz. The 840004 uses IDT’s 3
rd generation
low phase noise VCO technology and can achieve 1ps or lower
typical random rms phase jitter, easily meeting Ethernet jitter
requirements. The 840004 is packaged in a small 20-pin TSSOP
package.
BLOCK DIAGRAM
FEATURES
• Four LVCMOS/LVTTL outputs, 17
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Supports the following input frequencies: 212.5MHz,
159.375MHz, 156.25MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 700MHz
• RMS phase jitter @ 212.5MHz (637kHz - 10MHz):
0.49ps typical, V
DDO
= 3.3V
Phase noise:
Offset
Noise Power
100Hz ................-88.8 dBc/Hz
1kHz ..............-109.0 dBc/Hz
10kHz ..............-116.1 dBc/Hz
100kHz ..............-117.5 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Q0
Q1
Q2
Q3
OE
F_SEL1:0
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
REF_CLK
MR
OSC
Phase
Detector
VCO
M = ÷24 (fixed)
F_SEL1:0
0 0 ÷3
0 1 ÷4
1 0 ÷6
1 1 ÷12 (default)
0
1
1
0
2
N
26.5625MHz
Pullup
Pulldown
Pulldown
Pulldown
Pullup:Pullup
Pulldown
FREQUENCY SELECT FUNCTION TABLE
PIN ASSIGNMENT
840004
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
F_SEL0
nc
nXTAL_SEL
REF_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL1
GND
Q0
Q1
VDDO
Q2
Q3
GND
XTAL_IN
XTAL_OUT
Inputs
Output Frequency
Range (MHz)
Input Frequency
(MHz)
F_SEL1
F_SEL0
M Divider
Value
N Divider
Value
M/N Ratio
Value
26.5625
0
0
24
3
8
212.5
26.5625
0
1
24
4
6
159.375
26.5625
1
0
24
6
4
106.25
26.5625
1
1
24
12
2
53.125 (default)
26.04166
0
1
24
4
6
156.25


Similar Part No. - 840004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840004-01 IDT-840004-01 Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840004-01 RENESAS-840004-01 Datasheet
460Kb / 16P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
4/2/15
840004-11 RENESAS-840004-11 Datasheet
423Kb / 14P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
December 7, 2015
logo
Integrated Device Techn...
840004AG-01LF IDT-840004AG-01LF Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840004AG-01LFT IDT-840004AG-01LFT Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results

Similar Description - 840004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840001I-34 RENESAS-840001I-34 Datasheet
385Kb / 16P
Femtoclocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
January 15, 2016
840002 RENESAS-840002 Datasheet
376Kb / 14P
FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
NOVEMBER 10, 2014
840002I RENESAS-840002I Datasheet
463Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
3/30/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com