Electronic Components Datasheet Search
  English  ▼

X  

841608 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 841608
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841608 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 841608 Datasheet HTML 7Page - Renesas Technology Corp 841608 Datasheet HTML 8Page - Renesas Technology Corp 841608 Datasheet HTML 9Page - Renesas Technology Corp 841608 Datasheet HTML 10Page - Renesas Technology Corp 841608 Datasheet HTML 11Page - Renesas Technology Corp 841608 Datasheet HTML 12Page - Renesas Technology Corp 841608 Datasheet HTML 13Page - Renesas Technology Corp 841608 Datasheet HTML 14Page - Renesas Technology Corp 841608 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2023 Renesas Electronics Corporation
January 31, 2023
841608 Datasheet
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k resistor can be tied from
XTAL_IN to ground.
LVCMOS Control Pins
All control pins have internal pulldowns; additional resistance is not
required but can be added for additional protection. A 1k resistor
can be used.
REF_IN Input
For applications not requiring the use of the reference clock, it can be
left floating. Though not required, but for additional protection, a 1k
resistor can be tied from the REF_IN to ground.
Outputs:
HCSL Outputs
All unused HCSL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. To achieve optimum jitter
performance, power supply isolation is required. The 841608
provides separate power supplies to isolate any high switch-
ing noise from the outputs to the internal PLL. VDD and VDDA
should be individually connected to the power supply plane
through vias, and 0.01µF bypass capacitors should be used
for each pin. Figure 1 illustrates this for a generic VDD pin and
also shows that VDDA requires that an additional 10 resistor
along with a 10µF bypass capacitor be connected to the
VDDA pin.
Figure 1. Power Supply Filtering
VDD
VDDA
2.5V
10
10µF
.01µF
.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com