Electronic Components Datasheet Search
  English  ▼

X  

841608 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 841608
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841608 Datasheet(HTML) 2 Page - Renesas Technology Corp

  841608 Datasheet HTML 1Page - Renesas Technology Corp 841608 Datasheet HTML 2Page - Renesas Technology Corp 841608 Datasheet HTML 3Page - Renesas Technology Corp 841608 Datasheet HTML 4Page - Renesas Technology Corp 841608 Datasheet HTML 5Page - Renesas Technology Corp 841608 Datasheet HTML 6Page - Renesas Technology Corp 841608 Datasheet HTML 7Page - Renesas Technology Corp 841608 Datasheet HTML 8Page - Renesas Technology Corp 841608 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
©2023 Renesas Electronics Corporation
January 31, 2023
841608 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
2
XTAL_IN,
XTAL_OUT
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input.
3
MR/nOE
Input
Pulldown
Active HIGH master reset. Active LOW output enable. When logic HIGH, the
internal dividers are reset and the outputs are in high impedance (Hi-Z).
When logic LOW, the internal dividers and the outputs are enabled.
Asynchronous function. LVCMOS/LVTTL interface levels. See Table 3D.
4, 14, 24, 31
VDD
Power
Core supply pins.
5, 6
Q0, nQ0
Output
Differential output pair. HCSL interface levels.
7, 8
Q1, nQ1
Output
Differential output pair. HCSL interface levels.
9, 19, 32
GND
Power
Power supply ground.
10, 11
Q2, nQ2
Output
Differential output pair. HCSL interface levels.
12,13
Q3, nQ3
Output
Differential output pair. HCSL interface levels.
15, 16
Q4, nQ4
Output
Differential output pair. HCSL interface levels.
17, 18
Q5, nQ5
Output
Differential output pair. HCSL interface levels.
20, 21
Q6, nQ6
Output
Differential output pair. HCSL interface levels.
22, 23
Q7, nQ7
Output
Differential output pair. HCSL interface levels.
25
FSEL
Input
Pulldown Output frequency select pin. LVCMOS/LVTTL interface levels. See Table 3B.
26
IREF
Output
HCSL current reference resistor output. An external fixed precision resistor
(475) from this pin to ground provides a reference current used for differential
current-mode Qx, nQx clock outputs.
27
BYPASS
Input
Pulldown Selects PLL operation/PLL bypass operation. Asynchronous function.
LVCMOS/LVTTL interface levels. See Table 3C.
28
VDDA
Power
Analog supply pin.
29
REF_SEL
Input
Pulldown Reference select. Selects the input reference source.
LVCMOS/LVTTL interface levels. See Table 3A.
30
REF_IN
Input
Pulldown LVCMOS/LVTTL PLL reference clock input.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com