Electronic Components Datasheet Search
  English  ▼

X  

841608 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 841608
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841608 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 841608 Datasheet HTML 11Page - Renesas Technology Corp 841608 Datasheet HTML 12Page - Renesas Technology Corp 841608 Datasheet HTML 13Page - Renesas Technology Corp 841608 Datasheet HTML 14Page - Renesas Technology Corp 841608 Datasheet HTML 15Page - Renesas Technology Corp 841608 Datasheet HTML 16Page - Renesas Technology Corp 841608 Datasheet HTML 17Page - Renesas Technology Corp 841608 Datasheet HTML 18Page - Renesas Technology Corp 841608 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
©2023 Renesas Electronics Corporation
January 31, 2023
841608 Datasheet
Schematic Example
Figure 6 shows an example of 841608 application schematic. In this
example, the device is operated at VDD = 3.3V. The 18pF parallel
resonant 25MHz crystal is used. The C1 = 27pF and C2 = 27pF are
recommended for frequency accuracy. For different board layout, the
C1 and C2 may be slightly adjusted for optimizing frequency
accuracy. Two examples of HCSL terminations are shown in this
schematic. The decoupling capacitors should be located as close as
possible to the power pin.
Figure 6. 841608 Application Schematic
C3
0.1u
+
-
R8
50
VDD
X1
25MHz
TL4
Zo= 50
VDD
Set Logic
Input to
'0'
RD2
1K
TL3
Zo= 50
To Lo gic
In put
pins
C1
27pF
U1
ICS841608I
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
XTAL_IN
XTAL_OUT
MR/nOE
VDD
Q0
nQ0
Q1
nQ1
Q5
nQ5
GND
Q6
nQ6
Q7
nQ7
VDD
+
-
R6
50
MR/nOE
Recommended for PCI
Express Point-to-Point
Connection
V DD=3.3V
VDD
Set Logic
Input to
'1'
R4
33
VDD
RD1
Not Inst all
R1
10
R7
50
VDD
VDD
VDDA
C2
27pF
(U1 :6)
RU1
1K
LogicControl Input Examples
(U1 :14)
VDD
TL2
Zo =50
ToL ogic
Inpu t
pins
VDD
C7
. 1uf
VDD
TL1
Zo =50
1 8 p F
R3
33
(U1:31 )
R5
50
Recommended for
PCI Express Add-In
Card
VDD
RU2
Not Ins tall
C6
.1uf
C8
. 1uf
C4
10u
C5
0. 1u
HCSL Termination
(U1: 24)
R2
475
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com