Electronic Components Datasheet Search
  English  ▼

X  

BSP52 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BSP52
Description  NPN Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP52 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BSP52 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
BSP52
NPN Darlington transistor
11. Test information
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
Fig. 2. Transistor switching time definition
RC
R2
R1
DUT
aaa-027547
Vo
RB
(probe)
450 Ω
(probe)
450 Ω
oscilloscope
oscilloscope
VBB
VI
VCC
VI = 10 V; T = 200 µs; tp = 6 µs; tr = tf ≤ 3 ns.
R1 = 56 Ω; R2 = 10 kΩ; RB = 10 kΩ; RC = 18 Ω.
VBB = -1.8 V; VCC = 10.7 V.
Oscilloscope: input impedance Zi = 50 Ω.
Fig. 3. Test circuit or switching times
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
BSP52
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 February 2018
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com