Electronic Components Datasheet Search
  English  ▼

X  

845264 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 845264
Description  FemtoClock®Crystal-to-CML Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

845264 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 845264 Datasheet HTML 7Page - Renesas Technology Corp 845264 Datasheet HTML 8Page - Renesas Technology Corp 845264 Datasheet HTML 9Page - Renesas Technology Corp 845264 Datasheet HTML 10Page - Renesas Technology Corp 845264 Datasheet HTML 11Page - Renesas Technology Corp 845264 Datasheet HTML 12Page - Renesas Technology Corp 845264 Datasheet HTML 13Page - Renesas Technology Corp 845264 Datasheet HTML 14Page - Renesas Technology Corp 845264 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REVISION B 07/20/15
11
FEMTOCLOCK®CRYSTAL-TO-CML CLOCK GENERATOR
845264 DATA SHEET
Parameter Measurement Information, continued
Output Rise/Fall Time
Differential Output Voltage Swing
nQA[0,1],
nQB[0,1]
QA[0,1],
QB[0,1]
20%
80%
80%
20%
tR
t F
nQA[0,1],
nQB[0,1]
QA[0,1],
QB[0,1]
V
OUT
V
DIFF_OUT
Differential Voltage Swing = 2 x Single-ended V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com