Electronic Components Datasheet Search
  English  ▼

X  

845264 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 845264
Description  FemtoClock®Crystal-to-CML Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

845264 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 845264 Datasheet HTML 11Page - Renesas Technology Corp 845264 Datasheet HTML 12Page - Renesas Technology Corp 845264 Datasheet HTML 13Page - Renesas Technology Corp 845264 Datasheet HTML 14Page - Renesas Technology Corp 845264 Datasheet HTML 15Page - Renesas Technology Corp 845264 Datasheet HTML 16Page - Renesas Technology Corp 845264 Datasheet HTML 17Page - Renesas Technology Corp 845264 Datasheet HTML 18Page - Renesas Technology Corp 845264 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REVISION B 07/20/15
15
FEMTOCLOCK®CRYSTAL-TO-CML CLOCK GENERATOR
845264 DATA SHEET
Schematic Example
Figure 3 shows an example of 845264 application schematic. In this
example, the device is operated at VDD = VDDA = 3.3V. The schematic
example focuses on functional connections and is not configuration
specific. Refer to the pin description and functional tables in the
datasheet to ensure that the logic control inputs are properly set.
A 12pF parallel resonant 25MHz crystal is used. For this device, the
crystal load capacitors are required for proper operation. The load
capacitance, C1 = C2 = 2pF, are recommended for frequency
accuracy. Depending on the variation of the parasitic stray capacity
of the printed circuit board traces between the crystal and the
XTAL_IN and XTAL_OUT pins, the values of C1 and C2 might require
a slight adjustment to optimize the frequency accuracy. Crystals with
other load capacitance specifications can be used, but this will
require adjusting C1 and C2. When designing the circuit board,
return the capacitors to ground though a single point contact close to
the package. Two Fox crystal options are shown in the schematic for
design flexibility.
The ePAD provides a low thermal impedance connection between
the internal device and the PCB. It also provides an electrical
connection to the die and must be connected to ground.
As with any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The 845264 provides separate
power supplies to isolate any high switching noise from coupling into
the internal PLL.
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1uF capacitor in each power pin filter should be placed on the
device side. The other components can be on the opposite side of the
PCB.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for a wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10kHz.
If a specific frequency noise component is known, such as switching
power supplies frequencies, it is recommended that component
values be adjusted and if required, additional filtering be added.
Additionally, good general design practices for power plane voltage
stability suggests adding bulk capacitance in the local area of all
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com