Electronic Components Datasheet Search
  English  ▼

X  

873995 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 873995
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

873995 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 873995 Datasheet HTML 9Page - Renesas Technology Corp 873995 Datasheet HTML 10Page - Renesas Technology Corp 873995 Datasheet HTML 11Page - Renesas Technology Corp 873995 Datasheet HTML 12Page - Renesas Technology Corp 873995 Datasheet HTML 13Page - Renesas Technology Corp 873995 Datasheet HTML 14Page - Renesas Technology Corp 873995 Datasheet HTML 15Page - Renesas Technology Corp 873995 Datasheet HTML 16Page - Renesas Technology Corp 873995 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
REVISION A 8/25/15
873995 DATA SHEET
13
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
EPAD THERMAL RELEASE PATH
In order to maximize both the removal of heat from the package and
the electrical performance, a land pattern must be incorporated on
the Printed Circuit Board (PCB) within the footprint of the package
corresponding to the exposed metal pad or exposed heat slug on
the package, as shown in Figure 5. The solderable area on the PCB,
as defined by the solder mask, should be at least the same size/
shape as the exposed pad/slug area on the package to maximize
the thermal/electrical performance. Sufficient clearance should be
designed on the PCB between the outer edges of the land pattern
and the inner edges of pad pattern for the leads to avoid any shorts.
While the land pattern on the PCB provides a means of heat transfer
and electrical grounding from the package to the board through a
solder joint, thermal vias are necessary to effectively conduct from
the surface of the PCB to the ground plane(s). The land pattern
must be connected to ground through these vias. The vias act as
“heat pipes”. The number of vias (i.e. “heat pipes”) are application
specific and dependent upon the package power dissipation as well
as electrical conductivity requirements. Thus, thermal and electrical
analysis and/or testing are recommended to determine the minimum
number needed. Maximum thermal and electrical performance is
achieved when an array of vias is incorporated in the land pattern.
It is recommended to use as many vias connected to ground as
possible. It is also recommended that the via diameter should be 12
to 13mils (0.30 to 0.33mm) with 1oz copper via barrel plating. This
is desirable to avoid any solder wicking inside the via during the
soldering process which may result in voids in solder between the
exposed pad/slug and the thermal land. Precautions should be taken
to eliminate any solder voids between the exposed heat slug and
the land pattern. Note: These recommendations are to be used as a
guideline only. For further information, refer to the Application Note
on the Surface Mount Assembly of Amkor’s Thermally/Electrically
Enhance Leadfame Base Package, Amkor Technology.
GROUND PLANE
LAND PATTERN
SOLDER
THERMAL VIA
EXPOSED HEAT SLUG
(GROUND PAD)
PIN
PIN PAD
SOLDER
PIN
PIN PAD
SOLDER
FIGURE 5. P.C. BOARD FOR EXPOSED PAD THERMAL RELEASE PATH EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com