Electronic Components Datasheet Search
  English  ▼

X  

873995 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 873995
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

873995 Datasheet(HTML) 2 Page - Renesas Technology Corp

  873995 Datasheet HTML 1Page - Renesas Technology Corp 873995 Datasheet HTML 2Page - Renesas Technology Corp 873995 Datasheet HTML 3Page - Renesas Technology Corp 873995 Datasheet HTML 4Page - Renesas Technology Corp 873995 Datasheet HTML 5Page - Renesas Technology Corp 873995 Datasheet HTML 6Page - Renesas Technology Corp 873995 Datasheet HTML 7Page - Renesas Technology Corp 873995 Datasheet HTML 8Page - Renesas Technology Corp 873995 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
REVISION A 8/25/15
873995 DATA SHEET
2
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1
PLL_SEL
Input
Pullup
Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock.When HIGH, selects PLL.
LVCMOS / LVTTL interface levels.
2
nMR
Input
Pullup
Active LOW Master Reset. When logic LOW, the internal dividers are
reset causing the true outputs Qx to go low and the inverted outputs
nQx to go high. When logic HIGH, the internal dividers and the outputs
are enabled. LVCMOS / LVTTL interface levels.
3
nINIT
Input
Pullup
When HIGH-to-LOW, resets the input bad flags and aligns CLK_INDI-
CATOR to SEL_CLK. LVCMOS / LVTTL interface levels.
4, 12, 17
V
EE
Power
Negative supply pins.
5
CLK0
Input
Pulldown Non-inverting differential clock input.
6
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. V
CC
/2 default when left floating.
7
CLK1
Input
Pulldown Non-inverting differential clock input.
8
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. V
CC
/2 default when left floating.
9
EXT_FB
Input
Pulldown Differential external feedback.
10
nEXT_FB
Input
Pullup/
Pulldown
Differential external feedback. V
CC
/2 default when left floating.
11
SEL_CLK
Input
Pulldown
Selects the primary reference clock. When LOW, selects CLK0 as the
primary clock source. When HIGH, selects CLK1 as the primary clock
source. LVCMOS / LVTTL interface levels.
13, 47
V
CC
Power
Core supply pins.
14, 15, 16
NB0, NB1, NB2
Input
Pullup
Bank B output divider control pins. LVCMOS / LVTTL interface levels.
18, 19, 20
NA0, NA1, NA2
Input
Pullup
Bank A output divider control pins. LVCMOS / LVTTL interface levels.
21, 28
V
CCO_B
Power
Output supply voltage for B Bank outputs.
22, 23
nQB2, QB2
Output
Differential output pair. LVPECL interface levels.
24, 25
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
26, 27
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
29, 36
V
CCO_A
Power
Output supply voltage for A Bank outputs.
30, 31
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
32, 33
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
34, 35
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
37
V
CCO_FB
Power
Output supply voltage for FB outputs.
38, 39
QFB, nQFB
Output
Feedback outputs. LVPECL interface levels.
40
V
CCA
Power
Analog supply pin.
41, 42,
43
NFB0, NFB1, NFB2
Input
Pullup
Feedback divider control pins. LVCMOS / LVTTL interface levels.
44
CLK_INDICATOR
Output
Clock indicator pin. When LOW, CLK0, nCLK0 is selected, when HIGH,
CLK1, nCLK1 is selected. LVCMOS / LVTTL interface levels.
45
INP0BAD
Output
Indicates detection of a bad input reference clock 0 with respect to the
feedback signal. The output is active HIGH.
LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com