Electronic Components Datasheet Search
  English  ▼

X  

LX3045 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX3045
Description  10.3 Gbps Coplanar GaAs PIN Photo Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX3045 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX3045 Datasheet HTML 1Page - Microsemi Corporation LX3045 Datasheet HTML 2Page - Microsemi Corporation LX3045 Datasheet HTML 3Page - Microsemi Corporation LX3045 Datasheet HTML 4Page - Microsemi Corporation LX3045 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LX3044 / 45 / 46
PRODUCTION DATA SHEET
Obsolete Product – Not Recommended For New Design
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
10.3 Gbps Coplanar GaAs PIN Photo Diode
I NT E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1, 2005-09-14
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the following test conditions: TA = 25oC, VR = 5 Volts
LX304x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
MAXIMUM RATINGS
Operating Junction Temperature
Range
TJ
-20
+100
°C
Storage Temperature Range
TSTG
-55
+125
°C
Maximum Soldering Temperature
10 seconds maximum at temperature
260
°C
ELECTRICAL CHARACTERISTICS
Active Area Diameter
75
µm
Responsivity
R
VR = 5V, λ= 850nm
0.55
0.6
A/W
Dark Current
ID
VR = 5V
0.1
0.5
nA
Breakdown Voltage
BVR
IR = 2μA
30
47
Volts
Capacitance
C
VR = 5V
0.3
0.33
pF
Bandwidth (1)
BW
VR = 5V, λ= 850nm @ -3dB
7.8
8.1
GHz
RF Cross-Talk
S21
1x4 and 1x12array only @ 10GHz
-40
dB
Note:
1. Bandwidth is measured at –3dB electrical power (photocurrent drops to 71% of DC value) into a 50Ω load.
CIRCUIT MODEL
R
diode
C
diode
C
shunt
R
ser
L
ser
Part #
Rser (Ω)
Lser (nH)
Cshunt (fF)
Cdiode (fF)
Rdiode (MΩ)
LX304x
12.3
0.12
118.5
172
187



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com