Electronic Components Datasheet Search
  English  ▼

X  

LX3045 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX3045
Description  10.3 Gbps Coplanar GaAs PIN Photo Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX3045 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX3045 Datasheet HTML 1Page - Microsemi Corporation LX3045 Datasheet HTML 2Page - Microsemi Corporation LX3045 Datasheet HTML 3Page - Microsemi Corporation LX3045 Datasheet HTML 4Page - Microsemi Corporation LX3045 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LX3044 / 45 / 46
PRODUCTION DATA SHEET
Obsolete Product – Not Recommended For New Design
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
10.3 Gbps Coplanar GaAs PIN Photo Diode
I NT E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1, 2005-09-14
DESCRIPTION
Microsemi’s GaAs Coplanar PIN
Photo Diode chips are ideal for high
bandwidth 850nm optical networking
applications.
The device family offers superior
noise performance and sensitivity in
single die, 1x4 array die or 1x12 array
die.
The LX304X family of photo diodes
are
currently
offered
in
die form
allowing manufacturers the versatility
of custom assembly using either bond
wire or flip chip configurations.
This
device
is
ideal
for
manufacturers
of
optical
receivers,
transponders,
optical
transmission
modules and combination PIN photo
diode – transimpedance amplifier.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
LX3044 Single Die
LX3045, 1x4 Array Die
LX3046, 1x12 Array Die
Coplanar Waveguide , 50ohm
High Responsivity
Low Dark Current
High Bandwidth
Anode/Cathode on Illuminated
Side
125mm Pad pitch
Die Good for Bond Wire or Flip
Chip Applications
APPLI C ATION S
Short Reach Optical Networks
10Gigabit Ethernet, Fibre
Channel
VCSEL Array Receiver
BEN E FITS
Large Wirebond Contact Pads
Low Contact Resistance
PRODUCT H I GHLIGHT
Coplanar Design (gnd-signal-gnd) 50 ohm
characteristic impedance
125µm standard pad pitch for ease of test
Large 75µm x 75µm pad size for ease of
packaging
Wire bond or Flip Chip capability
Single Die
1x4 Die
1x12 Die
PACKAGE ORDER INFO
Die Dimension
1
(µm)
Pad Dimension
1
(µm)
TJ (°C)
Die
Die
Active Area, A
(µm)
Y
X
w
v
Pad Pitch, p
1
(µm)
Die Thickness
1
(µm)
LX3044
450
450
75
75
125
152
LX3045
450
1200
75
75
125
203
0 to 70
LX3046
75
450
3200
75
75
125
203
1. See Package Dimensions (page 4)
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX3044-TR)


Similar Part No. - LX3045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3050 MICROSEMI-LX3050 Datasheet
600Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results

Similar Description - LX3045

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ML303B MICRO-ELECTRONICS-ML303B Datasheet
101Kb / 2P
PIN PHOTO DIODE
ML308 MICRO-ELECTRONICS-ML308 Datasheet
79Kb / 2P
PIN PHOTO DIODE
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDXXZ AVAGO-AFBR-83CDXXZ Datasheet
157Kb / 2P
10.3 & 12.5 Gbps/Channel
logo
Optoway Technology Inc
SPB-2960LWG OPTOWAY-SPB-2960LWG Datasheet
594Kb / 5P
10.3 Gbps Digital Diagnostic
logo
Molex Electronics Ltd.
0621007100 MOLEX-0621007100 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/25/2021
0621007200 MOLEX-0621007200 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/26/2021
0621007400 MOLEX-0621007400 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
0621007500 MOLEX-0621007500 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
logo
Microsemi Corporation
LX3050 MICROSEMI-LX3050 Datasheet
600Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com