Electronic Components Datasheet Search
  English  ▼

X  

LX3045 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX3045
Description  10.3 Gbps Coplanar GaAs PIN Photo Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX3045 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX3045 Datasheet HTML 1Page - Microsemi Corporation LX3045 Datasheet HTML 2Page - Microsemi Corporation LX3045 Datasheet HTML 3Page - Microsemi Corporation LX3045 Datasheet HTML 4Page - Microsemi Corporation LX3045 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LX3044 / 45 / 46
PRODUCTION DATA SHEET
Obsolete Product – Not Recommended For New Design
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
10.3 Gbps Coplanar GaAs PIN Photo Diode
I NT E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1, 2005-09-14
CHARACT ER ISTIC CURVES
LX3044/5/6 CV
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
01234 56789 10
V
C@85oC (pF)
C@25oC (pF)
Dark Current vs Voltage over Temperature
0.010
0.100
1.000
10.000
0.0 V
2.0 V
4.0 V
6.0 V
8.0 V
10.0 V
12.0 V
14.0 V
16.0 V
Bias Voltage (V)
-30 Deg C
-10 Deg C
25 Deg C
50 Deg C
85 Deg C
110 Deg C
Calibrated BW vs Temperature LX3044
-20
-15
-10
-5
0
5
0.0E+
00
1.0E+
09
2.0E+
09
3.0E+
09
4.0E+
09
5.0E+
09
6.0E+
09
7.0E+
09
8.0E+
09
9.0E+
09
1.0E+
10
frequency (Hz)
25C
85C
5C
BVR @ IR=2UA
0.00
10.00
20.00
30.00
40.00
50.00
60.00
-40
-20
0
20
40
60
80
100
120
Temperature
MAX
AVG
MIN
L LIMIT
LX3046 RF-Crosstalk
-90
-80
-70
-60
-50
-40
-30
0.0E+00
5.0E+09
1.0E+10
1.5E+10
2.0E+10
Frequency (Hz)
Top (7,8)
Center (6,7)
Bottom (6,7)
Left (6,7)
Right (6,7)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com