Electronic Components Datasheet Search
  English  ▼

X  

AC08DSMA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # AC08DSMA
Description  8 A RESIN MOLD TYPE TRIAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AC08DSMA Datasheet(HTML) 4 Page - Renesas Technology Corp

  AC08DSMA Datasheet HTML 1Page - Renesas Technology Corp AC08DSMA Datasheet HTML 2Page - Renesas Technology Corp AC08DSMA Datasheet HTML 3Page - Renesas Technology Corp AC08DSMA Datasheet HTML 4Page - Renesas Technology Corp AC08DSMA Datasheet HTML 5Page - Renesas Technology Corp AC08DSMA Datasheet HTML 6Page - Renesas Technology Corp AC08DSMA Datasheet HTML 7Page - Renesas Technology Corp AC08DSMA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D10613EJ6V0DS
2
AC08DSMA, AC08FSMA
MAXIMUM RATINGS
Parameter
Symbol
AC08DSMA
AC08FSMA
Unit
Remarks
Non-repetitive Peak Off-state Voltage
VDSM
500
700
V
−
Repetitive Peak Off-state Voltage
VDRM
400
600
V
−
Effective On-state Current
IT(RMS)
8 (TC = 88
°C)
A
Refer to Figure 11 and 12.
Surge On-state Current
ITSM
A
Refer to Figure 2.
80 (50 Hz 1 cycle)
88 (60 Hz 1 cycle)
Fusing Current
∫ iT2dt
28 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
50
A/
μs
−
Peak Gate Power Dissipation
PGM
5.0 (f
≥ 50 Hz, Duty ≤ 10%)
W
−
Average Gate Power Dissipation
PG(AV)
0.5
W
−
Peak Gate Current
IGM
±3 (f ≥ 50 Hz, Duty ≤ 10%)
A
−
Junction Temperature
Tj
−40 to +125
°C
−
Storage Temperature
Tstg
−55 to +150
°C
−
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP. MAX.
Unit
Remarks
Repetitive Peak Off-state Current
IDRM
VDM = VDRM
Tj = 25
°C
−
−
100
μA
−
Tj = 125
°C
−
−
2
mA
−
On-state Voltage
VTM
ITM = 10 A
−
−
1.6
V
Refer to Figure 1.
Gate Trigger Current
Mode I
IGT
VDM = 12 V,
T2+, G+
−
−
20
mA
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
20
IV
T2+, G
−
−
−
20
Gate Trigger Voltage
Mode I
VGT
VDM = 12 V,
T2+, G+
−
−
1.5
V
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
1.5
IV
T2+, G
−
−
−
1.5
Gate Non-trigger Voltage
VGD
Tj = 125
°C, VDM =
2
1 VDRM
0.3
−
−
V
−
Holding Current
IH
VDM = 24 V, ITM = 10 A
−
30
−
mA
−
Critical Rate Rise of Off-state Voltage
dv/dt
Tj = 125
°C, VDM = 3
2 VDRM
−
100
−
V/
μs
−
Commutating Critical Rate Rise of
Off-state Voltage
(dv/dt)c Tj = 125
°C,
(diT/dt)c =
−4 A/ms, VD = 400 V
10
−
−
V/
μs
−
Thermal Resistance
Note
Rth(j-c)
Junction-to-case AC
−
−
3.7
°C/W Refer to Figure 13.
Note The thermal resistance with a 50 Hz or 60 Hz sine wave current, as shown in the following expression:
Rth(j-c) =
)
AV
(
T
C
(max)
j
P
T
T
−
Tj(max): Maximum junction temperature
TC: Case temperature
PT(AV): Average on-dissipation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com