Electronic Components Datasheet Search
  English  ▼

X  

AC08DSMA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AC08DSMA
Description  8 A RESIN MOLD TYPE TRIAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AC08DSMA Datasheet(HTML) 1 Page - Renesas Technology Corp

  AC08DSMA Datasheet HTML 1Page - Renesas Technology Corp AC08DSMA Datasheet HTML 2Page - Renesas Technology Corp AC08DSMA Datasheet HTML 3Page - Renesas Technology Corp AC08DSMA Datasheet HTML 4Page - Renesas Technology Corp AC08DSMA Datasheet HTML 5Page - Renesas Technology Corp AC08DSMA Datasheet HTML 6Page - Renesas Technology Corp AC08DSMA Datasheet HTML 7Page - Renesas Technology Corp AC08DSMA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - AC08DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC08DSMA NEC-AC08DSMA Datasheet
144Kb / 6P
8A RESIN INSULATION TYPE TRIAC
logo
Kersemi Electronic Co.,...
AC08DSMA KERSEMI-AC08DSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
More results

Similar Description - AC08DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
AC10DSMA NEC-AC10DSMA Datasheet
217Kb / 6P
10 A RESIN INSULATION TYPE TRIAC
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com