Electronic Components Datasheet Search
  English  ▼

X  

AC08DSMA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AC08DSMA
Description  8 A RESIN MOLD TYPE TRIAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AC08DSMA Datasheet(HTML) 7 Page - Renesas Technology Corp

  AC08DSMA Datasheet HTML 1Page - Renesas Technology Corp AC08DSMA Datasheet HTML 2Page - Renesas Technology Corp AC08DSMA Datasheet HTML 3Page - Renesas Technology Corp AC08DSMA Datasheet HTML 4Page - Renesas Technology Corp AC08DSMA Datasheet HTML 5Page - Renesas Technology Corp AC08DSMA Datasheet HTML 6Page - Renesas Technology Corp AC08DSMA Datasheet HTML 7Page - Renesas Technology Corp AC08DSMA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D10613EJ6V0DS
5
AC08DSMA, AC08FSMA
Figure 13. Zth CHARACTERISTIC
100
10
1
0.1
10 k
100 k
1 k
100
10
1
0.1
Junction to ambient
Junction to case
Cycles (50 Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com