| Electronic Components Datasheet Search |
|
STM8AF6386UAX Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6386UAX Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 116 page ![]() Option bytes STM8AF6388 54/116 DocID031156 Rev 1 9 Option bytes Option bytes contain configurations for device hardware features as well as the memory protection of the device. They are stored in a dedicated block of the memory. Each option byte has to be stored twice, for redundancy, in a regular form (OPTx) and a complemented one (NOPTx), except for the ROP (read-out protection) option byte and option bytes 8 to 16. Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address shown in Table 16: Option bytes below. Option bytes can also be modified ‘on the fly’ by the application in IAP mode, except the ROP and UBC options that can only be changed in ICP mode (via SWIM). Refer to the STM8 Flash programming manual (PM0047) and STM8 SWIM communication protocol and debug module user manual (UM0470) for information on SWIM programming procedures. Table 16. Option bytes Addr. Option name Option byte no. Option bits Factory default setting 7 6543 2 1 0 0x00 4800 Read-out protection (ROP) OPT0 ROP[7:0] 0x00 0x00 4801 User boot code (UBC) OPT1 UBC[7:0] 0x00 0x00 4802 NOPT1 NUBC[7:0] 0xFF 0x00 4803 Alternate function remapping (AFR) OPT2 AFR7 AFR6 AFR5 AFR4 AFR3 AFR2 AFR1 AFR0 0x00 0x00 4804 NOPT2 NAFR7 NAFR6 NAFR5 NAFR4 NAFR3 NAFR2 NAFR1 NAFR0 0xFF 0x00 4805 Watchdog option OPT3 Reserved LSI_ EN IWDG _HW WWD G _HW WWDG _HALT 0x00 0x00 4806 NOPT3 Reserved NLSI_ EN NIWD G_HW NWWD G_HW NWWG _HALT 0xFF 0x00 4807 Clock option OPT4 Reserved EXT CLK CKAW USEL PRSC1 PRSC0 0x00 0x00 4808 NOPT4 Reserved NEXT CLK NCKAW USEL NPRSC1 NPRSC 0 0xFF 0x00 4809 HSE clock startup OPT5 HSECNT[7:0] 0x00 0x00 480A NOPT5 NHSECNT[7:0] 0xFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |