| Electronic Components Datasheet Search |
|
STM8AF6386UAX Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6386UAX Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 116 page ![]() Electrical characteristics STM8AF6388 64/116 DocID031156 Rev 1 Table 24. Total current consumption in Run, Wait and Slow mode. General conditions for VDD apply, TA = −40 °C to 150 °C Symbol Parameter Conditions Typ Max Unit IDD(RUN)(1) Supply current in Run mode All peripherals clocked, code executed from Flash program memory, HSE external clock (without resonator) fCPU = 24 MHz 1 ws 8.8 16.9(2) mA fCPU = 16 MHz 7.5 14.1 fCPU = 8 MHz 4.1 7.5(2) fCPU = 4 MHz 2.5 4.2(2) fCPU = 2 MHz 1.6 2.6 IDD(RUN)(1) Supply current in Run mode All peripherals clocked, code executed from RAM, HSE external clock (without resonator) fCPU = 24 MHz 4.5 6.1(2) fCPU = 16 MHz 3.8 5.1 fCPU = 8 MHz 2.3 3.1(2) fCPU = 4 MHz 1.5 2.1(2) fCPU = 2 MHz 1.1 1.6 IDD(WFI)(1) Supply current in Wait mode CPU stopped, all peripherals off, HSE external clock fCPU = 24 MHz 2.5 3.2(2) fCPU = 16 MHz 1.75 2.6 fCPU = 8 MHz 1.25 2.0(2) fCPU = 4 MHz 1.0 1.7(2) fCPU = 2 MHz 0.90 1.6 IDD(SLOW)(1) Supply current in Slow mode fCPU scaled down, all peripherals off, code executed from RAM External clock 16 MHz fCPU = 125 kHz 1.60 2.05 LSI internal RC fCPU = 128 kHz 1.60 1.90(2) 1. The current due to I/O utilization is not taken into account in these values. 2. Guaranteed by design, not tested in production. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |