| Electronic Components Datasheet Search |
|
STM8AF6386UAX Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6386UAX Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 116 page ![]() DocID031156 Rev 1 39/116 STM8AF6388 Pinouts and pin description 114 6.2 Alternate function remapping As shown in the rightmost column of Table 9, some alternate functions can be remapped at different I/O ports by programming one of eight AFR (alternate function remap) option bits. Refer to Section 9: Option bytes on page 54. When the remapping option is active, the default alternate function is no longer available. To use an alternate function, the corresponding peripheral must be enabled in the peripheral registers. Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO section of STM8S series and STM8AF series 8-bit microcontrollers reference manual, RM0016). |