Electronic Components Datasheet Search
  English  ▼

X  

ST25TB02K Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 2 Page - STMicroelectronics

  ST25TB02K Datasheet HTML 1Page - STMicroelectronics ST25TB02K Datasheet HTML 2Page - STMicroelectronics ST25TB02K Datasheet HTML 3Page - STMicroelectronics ST25TB02K Datasheet HTML 4Page - STMicroelectronics ST25TB02K Datasheet HTML 5Page - STMicroelectronics ST25TB02K Datasheet HTML 6Page - STMicroelectronics ST25TB02K Datasheet HTML 7Page - STMicroelectronics ST25TB02K Datasheet HTML 8Page - STMicroelectronics ST25TB02K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
1
Description
The ST25TB02K is a contactless memory, powered by an externally transmitted radio wave. It contains a
2048-bit user EEPROM. The memory is organized as 64 blocks of 32 bits. The ST25TB02K is accessed via
the 13.56 MHz carrier. Incoming data are demodulated and decoded from the received amplitude shift keying
(ASK) modulation signal and outgoing data are generated by load variation using bit phase shift keying (BPSK)
coding of a 847 kHz sub-carrier. The received ASK wave is 10% modulated. The data transfer rate between the
ST25TB02K and the reader is 106 kbit/s in both reception and emission modes.
The ST25TB02K follows the ISO 14443 - 2 Type B recommendation for the radio-frequency power and signal
interface.
Figure 1. Logic diagram
AC1
ST25TB02K
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
2 Kbit
User
EEPROM
The ST25TB02K is specifically designed for short range applications that need re-usable products. The
ST25TB02K includes an anticollision mechanism that allows it to detect and select tags present at the same
time within range of the reader. The anticollision is based on a probabilistic scanning method using slot markers.
Table 1. Signal names
Signal names
Description
AC1
Antenna coil
AC0
Antenna coil
The ST25TB02K contact-less EEPROM can be randomly read and written in block mode (each block containing
32 bits). The instruction set includes the following nine commands:
•
Read_block
•
Write_block
•
Initiate
•
Pcall16
•
Slot_marker
•
Select
•
Completion
•
Reset_to_inventory
•
Get_UID
The ST25TB02K memory is organized in three areas, as described in Section 4 Memory mapping. The first area
is a resettable OTP (one time programmable) area in which bits can only be switched from 1 to 0. Using a special
command, it is possible to erase all bits of this area to 1. The second area provides two 32-bit binary counters
which can only be decremented. The last area is the EEPROM memory. It is accessible by block of 32 bits and
includes an auto-erase cycle during each Write_block command.
ST25TB02K
Description
DS11469 - Rev 7
page 2/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com