Electronic Components Datasheet Search
  English  ▼

X  

ST25TB02K Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 33Page - STMicroelectronics ST25TB02K Datasheet HTML 34Page - STMicroelectronics ST25TB02K Datasheet HTML 35Page - STMicroelectronics ST25TB02K Datasheet HTML 36Page - STMicroelectronics ST25TB02K Datasheet HTML 37Page - STMicroelectronics ST25TB02K Datasheet HTML 38Page - STMicroelectronics ST25TB02K Datasheet HTML 39Page - STMicroelectronics ST25TB02K Datasheet HTML 40Page - STMicroelectronics ST25TB02K Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
11
Ordering information
Table 15. Ordering information scheme
Example:
ST25
T
B
02K
-A
C
6
G
6
Device type
ST25 = RF
memory
Product type
T = Tags + RFID
Protocol
B = ISO14443-B
Memory density
02K (binary)
Interface
A = None
Features
C = Counter as option
Device grade
6 = - 40 to 85 °C
Package/Packaging
G = Bumped 120 μm
U = Unsawn 725 μm
Capacitor value
6 = 68 pF
Note:
Devices are shipped from the factory with the memory content bits erased to 1.
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet qualified and
therefore not yet ready to be used in production and any consequences deriving from such usage will not be at
ST charge. In no event, ST will be liable for any customer usage of these engineering samples in production. ST
Quality has to be contacted prior to any decision to use these Engineering samples to run qualification activity.
ST25TB02K
Ordering information
DS11469 - Rev 7
page 37/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com