Electronic Components Datasheet Search
  English  ▼

X  

ST25TB02K Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 25Page - STMicroelectronics ST25TB02K Datasheet HTML 26Page - STMicroelectronics ST25TB02K Datasheet HTML 27Page - STMicroelectronics ST25TB02K Datasheet HTML 28Page - STMicroelectronics ST25TB02K Datasheet HTML 29Page - STMicroelectronics ST25TB02K Datasheet HTML 30Page - STMicroelectronics ST25TB02K Datasheet HTML 31Page - STMicroelectronics ST25TB02K Datasheet HTML 32Page - STMicroelectronics ST25TB02K Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
8.7
Read_block(Addr) command
Command code = 08h
On receiving the Read_block command, the ST25TB02K reads the desired block and returns the 4 data bytes
contained in the block. Data bytes are transmitted with the least significant byte first and each byte is transmitted
with the least significant bit first.
The address byte gives access to the 64 blocks of the ST25TB02K (addresses 0 to 63). Read_block commands
issued with a block address above 63 will not be interpreted and the ST25TB02K will not return any response,
except for the System area located at address 255.
The ST25TB02K must have received a Select() command and be switched to Selected state before any
Read_block() command can be accepted. All Read_block() commands sent to the ST25TB02K before a Select()
command is issued are ignored.
Figure 36. Read_block request format
SOF
Read_block
CRCL
EOF
08h
8 bits
8 bits
8 bits
Address
CRCH
Request parameter:
•
Address: block addresses from 0 to 63, or 255
Figure 37. Read_block response format
SOF
Data 1
CRCL
EOF
8 bits
8 bits
8 bits
CRCH
8 bits
8 bits
8 bits
Data 2
Data 3
Data 4
Response parameters:
•
Data 1: Less significant data byte
•
Data 2: Data byte
•
Data 3: Data byte
•
Data 4: Most significant data byte
Figure 38. Read_block frame exchange between reader and ST25TB02K
S
O
F
Data 1 Data 2 Data 3 Data 4
Reader
ST25TBxxx
<-t0-><-t1->
S
O
F
08h
E
O
F
Address
CRCL CRCH
CRCL CRCH
E
O
F
ST25TB02K
Read_block(Addr) command
DS11469 - Rev 7
page 29/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com