Electronic Components Datasheet Search
  English  ▼

X  

STEF12E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF12E Datasheet HTML 5Page - STMicroelectronics STEF12E Datasheet HTML 6Page - STMicroelectronics STEF12E Datasheet HTML 7Page - STMicroelectronics STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics STEF12E Datasheet HTML 10Page - STMicroelectronics STEF12E Datasheet HTML 11Page - STMicroelectronics STEF12E Datasheet HTML 12Page - STMicroelectronics STEF12E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
7
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted, at TA = 25 °C.
Figure 7. Clamping voltage vs. temperature
13.5
14
14.5
15
15.5
16
16.5
-40
-25
0
25
55
85
125
150
Temperature °C
VCC = 18 V
AMG300320171106MT
Figure 8. UVLO voltage vs. temperature
AMG300320171107MT
7.5
7.7
7.9
8.1
8.3
8.5
8.7
8.9
9.1
9.3
9.5
-40
-25
0
25
55
85
125
150
Temperature °C
VCC = from 0 to 12 V, RLIMIT = 15 Ω
Figure 9. UVLO hysteresis vs. temperature
AMG300320171108MT
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-25
0
25
55
85
125
150
Temperature°C
VCC from 12 to 0 V, RLIMIT = 15 Ω
Figure 10. Off-state voltage vs. temperature
AMG300320171109MT
0
50
100
150
200
250
-40
-25
0
25
55
85
125
150
Temperature °C
VCC = 18 V, VGS = 0, RL = infinite
Figure 11. Bias current (device operational)
AMG300320171110MT
0
0.5
1
1.5
2
2.5
3
-40
-25
0
25
55
85
125
150
Temperature °C
VCC = 12 V,R LIMIT = 15 Ω
Figure 12. ON-resistance vs. temperature
STEF12E
Typical performance characteristics
DS12800 - Rev 2
page 9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com