Electronic Components Datasheet Search
  English  ▼

X  

STEF12E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF12E Datasheet HTML 6Page - STMicroelectronics STEF12E Datasheet HTML 7Page - STMicroelectronics STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics STEF12E Datasheet HTML 10Page - STMicroelectronics STEF12E Datasheet HTML 11Page - STMicroelectronics STEF12E Datasheet HTML 12Page - STMicroelectronics STEF12E Datasheet HTML 13Page - STMicroelectronics STEF12E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Figure 13. Current limit vs. RLimit
AMG300320171112MT
VCC = 12 V, T= 25 °C
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0
10
20
30
40
50
60
70
80
External Sensing Resistor
(Ω)
ILIM
ISHORT
Figure 14. Thermal latch delay vs. power
AMG300320171113MT
0.8
8
80
800
0
10
20
30
40
50
60
Power (W)
T=25 °C
T=55 °C
T=85 °C
Figure 15. VOUT ramp-up vs. enable
Figure 16. VOUT clamping
Figure 17. Line transient
Figure 18. Startup into output short-circuit
STEF12E
Typical performance characteristics
DS12800 - Rev 2
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com