Electronic Components Datasheet Search
  English  ▼

X  

STEF12E Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 4 Page - STMicroelectronics

  STEF12E Datasheet HTML 1Page - STMicroelectronics STEF12E Datasheet HTML 2Page - STMicroelectronics STEF12E Datasheet HTML 3Page - STMicroelectronics STEF12E Datasheet HTML 4Page - STMicroelectronics STEF12E Datasheet HTML 5Page - STMicroelectronics STEF12E Datasheet HTML 6Page - STMicroelectronics STEF12E Datasheet HTML 7Page - STMicroelectronics STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage (steady-state)
-0.3 to 18
V
Positive power supply voltage (max. 100 ms)
-0.3 to 25
VOUT/source
(max. 100 ms)
-0.3 to Vcc+0.3
V
I-Limit
(max. 100 ms)
-0.3 to 25
V
En/fault
-0.3 to 7
V
dv/dt
-0.3 to 7
V
Top
Operating junction temperature range
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 s
260
°C
1. The thermal limit is set above the maximum thermal ratings. It is not recommended to operate the device at temperatures greater than the
maximum ratings for extended periods of time.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
52.7
°C/W
RthJC
Thermal resistance junction-case
17.4
°C/W
1. The value refers to the package mounted on a 4 layer JEDEC standard test board with 4 thermal vias connecting the thermal land to the first
buried plane.
Table 4. ESD performance
Symbol
Parameter
Test condition
Value
Unit
ESD
ESD protection
HBM
2
kV
MM
200
V
CDM
500
V
STEF12E
Maximum ratings
DS12800 - Rev 2
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com