Electronic Components Datasheet Search
  English  ▼

X  

VNI2140 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNI2140
Description  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNI2140 Datasheet HTML 15Page - STMicroelectronics VNI2140 Datasheet HTML 16Page - STMicroelectronics VNI2140 Datasheet HTML 17Page - STMicroelectronics VNI2140 Datasheet HTML 18Page - STMicroelectronics VNI2140 Datasheet HTML 19Page - STMicroelectronics VNI2140 Datasheet HTML 20Page - STMicroelectronics VNI2140 Datasheet HTML 21Page - STMicroelectronics VNI2140 Datasheet HTML 22Page - STMicroelectronics VNI2140 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Table 10. PowerSSO 12, mechanical data
Symbol
Dimensions [mm]
Min.
Typ.
Max.
A
1.250
-
1.620
A1
0.000
-
0.100
A2
1.100
-
1.650
B
0.230
-
0.410
C
0.190
-
0.250
D
4.800
-
5.000
E
3.800
-
4.000
e
-
0.800
-
H
5.800
-
6.200
h
0.250
-
0.500
L
0.400
-
1.270
k
0°
-
8°
X
1.900
-
2.500
Y
3.600
-
4.200
ddd
-
-
0.100
Figure 16. Suggested footprint
STMicroelectronics is not responsible for any PCB related issues. The footprint shown in the above figure is a
suggestion, which might not be in line with the customer PCB supplier design rules.
VNI2140
PowerSSO-12™ package information
DS5977 - Rev 11
page 19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com