Electronic Components Datasheet Search
  English  ▼

X  

VNI2140 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNI2140
Description  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140 Datasheet(HTML) 4 Page - STMicroelectronics

  VNI2140 Datasheet HTML 1Page - STMicroelectronics VNI2140 Datasheet HTML 2Page - STMicroelectronics VNI2140 Datasheet HTML 3Page - STMicroelectronics VNI2140 Datasheet HTML 4Page - STMicroelectronics VNI2140 Datasheet HTML 5Page - STMicroelectronics VNI2140 Datasheet HTML 6Page - STMicroelectronics VNI2140 Datasheet HTML 7Page - STMicroelectronics VNI2140 Datasheet HTML 8Page - STMicroelectronics VNI2140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
3
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-0.3
V
IGND
DC ground reverse current
-250
mA
IOUT
DC output current
Internally limited (1)
A
IR
DC reverse output current (per channel)
-5
A
IIN
Input pin current (per channel)
+/-10
mA
VIN
Input pin voltage
+VCC
V
VDIAG
Diag pin voltage
+VCC
V
IDIAG
Diag pin current
+/-10
mA
VESD
Electrostatic discharge (R = 1.5k Ω; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel, all channels driven
simultaneously at TAMB = 125 °C, IOUT = 1 A
300
mJ
PTOT
Power dissipation at TC = 25 °C
Internally limited (1)
W
TJ
Junction operating temperature
Internally limited (1)
°C
TSTG
Storage temperature
-55 to 150
°C
1. Protection functions are intended to avoid IC damage in fault conditions and are not intended for continuous operation.
Continuous and repetitive operation of protection functions may reduce the IC lifetime.
VNI2140
Maximum ratings
DS5977 - Rev 11
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com