Electronic Components Datasheet Search
  English  ▼

X  

VNI2140J Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNI2140J
Description  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics VNI2140J Datasheet HTML 10Page - STMicroelectronics VNI2140J Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Table 7. Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDIAG (1)
Diag voltage output low
IDIAG = 1.5 mA (fault condition)
-
-
0.6
V
VUSD
Undervoltage protection
7
-
9
V
VUSDHYS
Undervoltage hysteresis
0.4
0.5
-
V
ILIM
DC short-circuit current
VCC = 24 V, RLOAD ≤ 10 mΩ
1
-
2
A
ILDIAG
Diag leakage current
VCC = 32 V
-
30
-
μA
VOL
Open-load OFF-state voltage
detection threshold
VIN = 0 V
2
3
4
V
TTSD
Junction shutdown
temperature
150
170
-
°C
TR
Junction reset temperature
135
155
200
°C
THYST
Junction thermal hysteresis
7
15
-
°C
TCSD
Case shutdown temperature
125
139
146
°C
TCR
Case reset temperature
110
-
-
°C
TCHYST
Case thermal hysteresis
7
15
-
°C
VDEMAG
Output voltage at turn-OFF
IOUT = 0.5 A; LLOAD ≥ 1 mH
VCC - 45
VCC - 50
VCC - 52
V
1. Diag determination > 100 ms after the switching edge.
Figure 3. Current and voltage conventions
VNI2140
Electrical characteristics
DS5977 - Rev 11
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com