Electronic Components Datasheet Search
  English  ▼

X  

VNI2140J Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNI2140J
Description  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J Datasheet(HTML) 3 Page - STMicroelectronics

  VNI2140J Datasheet HTML 1Page - STMicroelectronics VNI2140J Datasheet HTML 2Page - STMicroelectronics VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Pin connections
Figure 2. Pin connections (top view)
Table 1. Pin description
Pin
Name
Type
Description
1
NC
-
Not connected
2
Input 1
Logic input
Channel 1 input, 3.3 V CMOS/TTL compatible
3
Diag 1
Output/Open-drain
Channel 1 diagnostic in open-drain configuration
4
GND
Ground
Device ground connection
5
Diag 2
Output/Open-drain
Channel 2 diagnostic in open-drain configuration
6
Input 2
Logic input
Channel 2 input, 3.3 V CMOS/TTL compatible
7
VCC
Supply
Supply voltage
8
Output 2
Output
Channel 2 power stage output, internally protected
9
Output 2
Output
Channel 2 power stage output, internally protected
10
Output 1
Output
Channel 1 power stage output, internally protected
11
Output 1
Output
Channel 2 power stage output, internally protected
12
VCC
Supply
Supply voltage
TAB
TAB
Supply
Supply voltage
VNI2140
Pin connections
DS5977 - Rev 11
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com