Electronic Components Datasheet Search
  English  ▼

X  

VNI2140J Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNI2140J
Description  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J Datasheet(HTML) 1 Page - STMicroelectronics

  VNI2140J Datasheet HTML 1Page - STMicroelectronics VNI2140J Datasheet HTML 2Page - STMicroelectronics VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
•
Nominal current: 0.75 A per channel
•
Shorted-load protections
•
Junction overtemperature protection
•
Case overtemperature protection for thermal independence of the channels
•
Thermal case shutdown restart not simultaneous for the various channels
•
Protection against loss of ground
•
Current limitation 1 A per channel
•
Undervoltage shutdown
•
Open-load in OFF-state and short to VCC detection
•
Open-drain diagnostic outputs
•
3.3 V CMOS/TTL compatible inputs
•
Fast demagnetization of inductive loads
•
Conforms to IEC 61131-2
Applications
•
Programmable logic control
•
Industrial PC peripheral input/output
•
Numerical control machines
Description
The VNI2140J is a monolithic device designed using STMicroelectronics' VIPower
technology.
The device drives two independent resistive or inductive loads with one side
connected to ground. Active current limitation prevents a drop in system power
supply in cases of shorted-load, and built-in thermal shutdown protects the chip from
damage due to overtemperature and short-circuit.
In overload conditions, channel turns OFF and ON automatically to maintain the
junction temperature between TTSD and TR. If the case temperature reaches TCSD,
the overloaded channel is turned OFF and restarts only when case temperature
decreases down to TCR. In order to avoid high-peak current from the supply, when
more than one channel is overloaded the TCSD restart is not simultaneous. Non
overloaded channels continue to operate normally. The open-drain diagnostics output
indicates overtemperature conditions and open-load in OFF-state.
Product status link
VNI2140J
Product label
Dual high-side smart power solid state relay
VNI2140
Datasheet
DS5977 - Rev 11 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VNI2140J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI2140J STMICROELECTRONICS-VNI2140J Datasheet
621Kb / 23P
Dual high side smart power solid state relay
November 2011 Rev 8
More results

Similar Description - VNI2140J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
VNI2140J STMICROELECTRONICS-VNI2140J Datasheet
621Kb / 23P
Dual high side smart power solid state relay
November 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com