Electronic Components Datasheet Search
  English  ▼

X  

9UMS9633B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9UMS9633B
Description  Ultra-Mobile PC/Mobile Internet Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9UMS9633B Datasheet(HTML) 1 Page - Renesas Technology Corp

  9UMS9633B Datasheet HTML 1Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 2Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 3Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 4Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 5Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 6Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 7Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 8Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
R31DS0110EU0100 Rev.1.00
Page 1
Jan 18, 2022
© 2022 Renesas Electronics
The 9UMS9633B is an ultra-mobile PC/mobile
Internet device supporting Intel ULV CPUs requiring
67 to 167 MHz CPU outputs.
Output Features
▪ 3 – CPU low power differential push-pull pairs
▪ 3 – SRC low power differential push-pull pairs
▪ 1 – LCD100 SSCD low power differential push-pull
pair
▪ 1 – DOT96 low power differential push-pull pair
▪ 1 – REF, 14.31818MHz, 3.3V SE output
Features
▪ 67 to 167 MHz CPU outputs
▪ Dedicated TEST/SEL and TEST/MODE pins saves
isolation resistors on pins
▪ CPU STOP# input for power management
▪ Fully integrated Vreg
▪ Integrated series resistors on differential outputs
▪ 1.5V VDD IO operation, 3.3V VDD core and REF
supply pin for REF
▪ Industrial temperature range (-40° to +85°C)
Applications
▪ Poulsbo Based Ultra-Mobile PC (UMPC)
Figure 1. Functional Block Diagram
CPU(2:0)
SRC(2:0)
LCD
SS-PLL
FSLB
CKPWRGD/PD#
CPU_STOP#
CR(2:0)#
TESTSEL
TESTMODE
Control
Logic
96M
Non-SS
864 MHz
PLL
LCD100_SSC
CPU, SRC
SS-PLL
REF
OSC
X1
X2
DOT96MHz
FSLC
SMBDAT
SMBCLK
9UMS9633B
Ultra-Mobile PC/Mobile Internet Device


Similar Part No. - 9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633BFILFT IDT-9UMS9633BFILFT Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
9UMS9633BFW3LFT IDT-9UMS9633BFW3LFT Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
9UMS9633BKILFT IDT-9UMS9633BKILFT Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
9UMS9633BKLFT IDT-9UMS9633BKLFT Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
More results

Similar Description - 9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
List of Unclassifed Man...
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-9000 ETC2-IMX-9000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Endress+Hauser Group Se...
CML18 EH-CML18 Datasheet
1Mb / 16P
Multiparameter mobile device
2021-03-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com