Electronic Components Datasheet Search
  English  ▼

X  

9UMS9633B Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 9UMS9633B
Description  Ultra-Mobile PC/Mobile Internet Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9UMS9633B Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 9UMS9633B Datasheet HTML 14Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 15Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 16Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 17Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 18Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 19Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 20Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 21Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
R31DS0110EU0100 Rev.1.00
Page 18
Jan 18, 2022
9UMS9633B Datasheet
Bytes 16:40 are reserved
Table 20. Byte 13 – Reserved
Bit(s)
Name
Description
Type
0
1
Default
7
Reserved
0
6
Reserved
0
5
Reserved
0
4
Reserved
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0
Reserved
0
Table 21. Byte 14 – Reserved
Bit(s)
Name
Description
Type
0
1
Default
7
Reserved
0
6
Reserved
0
5
Reserved
0
4
Reserved
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0
Reserved
0
Table 22. Byte 15 – Byte Count Register
Bit(s)
Name
Description
Type
0
1
Default
7
Reserved
0
6
Reserved
0
5
BC5
Byte Count 5
RW
Specifies Number of bytes to be
read back during an SMBus read.
Default is 0xF.
0
4
BC4
Byte Count 4
RW
0
3
BC3
Byte Count 3
RW
1
2
BC2
Byte Count 2
RW
1
1
BC1
Byte Count 1
RW
1
0
BC0
Byte Count LSB
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com