Electronic Components Datasheet Search
  English  ▼

X  

CM0902 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CM0902
Description  Dual high-speed CAN transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CM0902 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CM0902 Datasheet HTML 17Page - NXP Semiconductors CM0902 Datasheet HTML 18Page - NXP Semiconductors CM0902 Datasheet HTML 19Page - NXP Semiconductors CM0902 Datasheet HTML 20Page - NXP Semiconductors CM0902 Datasheet HTML 21Page - NXP Semiconductors CM0902 Datasheet HTML 22Page - NXP Semiconductors CM0902 Datasheet HTML 23Page - NXP Semiconductors CM0902 Datasheet HTML 24Page - NXP Semiconductors CM0902 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
NXP Semiconductors
CM0902
Figure 13. Example of bus termination options
R2
R3
CANH
CANL
C3
R2, R3: application dependant
(ex: 60 ohm or other value):
C3: application dependant
(ex: 4.7 nF or other value):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com