Electronic Components Datasheet Search
  English  ▼

X  

CM0902 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CM0902
Description  Dual high-speed CAN transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CM0902 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CM0902 Datasheet HTML 9Page - NXP Semiconductors CM0902 Datasheet HTML 10Page - NXP Semiconductors CM0902 Datasheet HTML 11Page - NXP Semiconductors CM0902 Datasheet HTML 12Page - NXP Semiconductors CM0902 Datasheet HTML 13Page - NXP Semiconductors CM0902 Datasheet HTML 14Page - NXP Semiconductors CM0902 Datasheet HTML 15Page - NXP Semiconductors CM0902 Datasheet HTML 16Page - NXP Semiconductors CM0902 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
NXP Semiconductors
CM0902
4.4
Operating conditions
This section describes the operating conditions of the device. Conditions apply to all the following data, unless otherwise noted.
Figure 8. Supply voltage operating range
Notes
8.
Device functional: Device can operate in this voltage range without damage. Electrical characteristics are not fully guaranteed in this range.
9.
Device functional or CAN bus recessive state: Device is either functional (see Note 1), or is maintained in recessive state. No false dominant
state on CAN bus; dominant state is only controlled by TXDx low level.
Table 7. Operating conditions
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Min.
Max.
Unit
Notes
VDD_F
Functional Operating VDD voltage
VDD_UV
7.0
V
(7)
VDD_OP
Parametric Operating VDD voltage
4.5
5.5
V
VIO_F
Functional Operating VIO voltage
VIO_UV
7.0
V
(7)
VIO_OP
Parametric Operating VIO voltage
2.8
5.5
V
Notes
7.
Functional operating voltage is defined as device functional or CAN in recessive state
7.0 V
5.5 V
5.0 V
4.5 V
VDD operating range
Device in Standby mode
Device functional (7)
Max rating exceeded
7.0 V
5.5 V
5.0 V
2.8 V
VIO operating range
Device functional (7)
Max rating exceeded
3.3 V
0V
0V
CAN bus recessive state (8)
VDD UV
Device functional or
CAN bus recessive state (8)
Device functional or
Device in Unpowered mode
VIO UV
VDD
VIO
VDD_F
VDD_OP
VIO_F
VIO_OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com