Electronic Components Datasheet Search
  English  ▼

X  

CM0902 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CM0902
Description  Dual high-speed CAN transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CM0902 Datasheet(HTML) 4 Page - NXP Semiconductors

  CM0902 Datasheet HTML 1Page - NXP Semiconductors CM0902 Datasheet HTML 2Page - NXP Semiconductors CM0902 Datasheet HTML 3Page - NXP Semiconductors CM0902 Datasheet HTML 4Page - NXP Semiconductors CM0902 Datasheet HTML 5Page - NXP Semiconductors CM0902 Datasheet HTML 6Page - NXP Semiconductors CM0902 Datasheet HTML 7Page - NXP Semiconductors CM0902 Datasheet HTML 8Page - NXP Semiconductors CM0902 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NXP Semiconductors
4
CM0902
2
Internal block diagram
Figure 2. Internal block diagram
VDD
RIN
RIN
2.5 V
Mode
Control
Differential
Receiver
Wake-up
Receiver
Pre-
driver
TXD1
CANH1
CANL1
VIO
RXD1
STB1
VIO
Overtemperature
Timeout
Bus Biasing
and
VIO Monitor
VIO
VIO
VIO
VIO
VDD
VDD
High-
impedance
Pre-
driver
50 k
Buffer
Input
VDD Monitor
VDD
VDD
VDD
VDD
TXD2
VIO
RXD2
STB2
VIO
VIO
50 k
Buffer
Input
RIN
RIN
2.5 V
Differential
Receiver
Wake-up
Receiver
Pre-
driver
CANH2
CANL2
Overtemperature
Bus Biasing
VIO
VDD
VDD
High-
impedance
Pre-
driver
VDD
VDD
VDD
GND1
GND2
33CM0902
only
Timeout
33CM0902
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com