Electronic Components Datasheet Search
  English  ▼

X  

BCV63 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCV63
Description  NPN general-purpose double transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV63 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCV63 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV63_63B
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 4 August 2010
4 of 12
Nexperia
BCV63; BCV63B
NPN general-purpose double transistors
7.
Characteristics
[1]
Group selection will be done on TR1. Due to matched dies, hFE values for TR2 are the same as for TR1.
[2]
VBEsat decreases by about 1.7 mV/K with increasing temperature.
[3]
VBE decreases by about 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tj =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base
cut-off current
VCB =30V; IE =0A
-
-
15
nA
VCB =30V; IE =0A;
Tj = 150 C
--
5
A
VCEsat
collector-emitter
saturation voltage
IC =10mA;
IB =0.5 mA
-75
300
mV
VBEsat
base-emitter
saturation voltage
IC =10mA;
IB =0.5 mA
[2] -
700
-
mV
Transistor TR1
hFE
DC current gain
VCE =5V; IC =2 mA
BCV63
110
-
800
BCV63B
200
-
450
VCEsat
collector-emitter
saturation voltage
IC =100 mA; IB = 5 mA
-
250
650
mV
VBEsat
base-emitter
saturation voltage
IC =100 mA; IB =5mA
[2] -
850
-
mV
VBE
base-emitter voltage
IC =2mA; VCE =5V
[3] 600
650
750
mV
IC =10mA; VCE =5V
[3] --
820
mV
fT
transition frequency
VCE =5V; IC =10 mA;
f=100MHz
100
-
-
MHz
Cc
collector capacitance
VCB =10V;
IE =ie =0 A; f = 1 MHz
-4
-pF
Transistor TR2
hFE
DC current gain
VCE =700 mV;
IC =2mA
[1]
BCV63
110
-
800
BCV63B
200
-
450
VCEsat
collector-emitter
saturation voltage
IC =100 mA; IB = 5 mA
-
250
-
mV
VBE
base-emitter voltage
IC =2mA;
VCE =700 mV
[3] -
700
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com