Electronic Components Datasheet Search
  English  ▼

X  

BCV63 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BCV63
Description  NPN general-purpose double transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV63 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BCV63 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV63_63B
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 4 August 2010
7 of 12
Nexperia
BCV63; BCV63B
NPN general-purpose double transistors
10. Package outline
11. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 6.
Package outline SOT143B
04-11-16
Dimensions in mm
3.0
2.8
1.1
0.9
2.5
2.1
1.4
1.2
1.7
1.9
0.48
0.38
0.15
0.09
0.45
0.15
0.88
0.78
2
1
3
4
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BCV63
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-235
BCV63B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com