Electronic Components Datasheet Search
  English  ▼

X  

BCV63 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV63
Description  NPN general-purpose double transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV63 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV63 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN general-purpose double transistors in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
 Low current (max. 100 mA)
 Low voltage (max. 30 V and 6 V)
 AEC-Q101 qualified
 Small SMD plastic package
1.3 Applications
 General-purpose switching and amplification
 For use in Schmitt trigger applications
1.4 Quick reference data
BCV63; BCV63B
NPN general-purpose double transistors
Rev. 4 — 4 August 2010
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
N
experia
JEITA
BCV63
SOT143B
-
-
BCV63B
BCV64B
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
IC
collector current
-
-
100
mA
Transistor TR1
VCEO
collector-emitter voltage
open base
-
-
30
V
hFE
DC current gain
VCE =5V; IC =2mA
BCV63
110
-
800
BCV63B
200
-
450


Similar Part No. - BCV63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
NPN general purpose double transistors
1999 May 21
BCV63B PHILIPS-BCV63B Datasheet
46Kb / 8P
NPN general purpose double transistors
1999 May 21
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
More results

Similar Description - BCV63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
NPN general purpose double transistors
1999 May 21
PIMZ2 PHILIPS-PIMZ2 Datasheet
53Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 05-24 November 2004
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
NPN general-purpose double transistors
Rev. 04-18 December 2009
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
NPN/NPN general purpose double transistors
25 June 2019
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
NPN general-purpose double transistors
Rev. 04 - 18 December 2009
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com