Electronic Components Datasheet Search
  English  ▼

X  

BCW66 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # BCW66
Description  45 V, 800 mA NPN general-purpose transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW66 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button BCW66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
BCW66 series
45 V, 800 mA NPN general-purpose transistor
BCW66x_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2017
10 / 14
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2×)
1.2
(2×)
2.2
2.6
Dimensions in mm
Figure 17. Wave soldering footprint for SOT23 (TO-236AB)
14 Revision history
Table 11. Revision history
Document ID
Release date
Data sheet
status
Change notice Supersedes
BCW66x_SER v.1
21 April 2017
Product data sheet -
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com