Electronic Components Datasheet Search
  English  ▼

X  

BCW66 Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # BCW66
Description  45 V, 800 mA NPN general-purpose transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW66 Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button BCW66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Nexperia
BCW66 series
45 V, 800 mA NPN general-purpose transistor
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© Nexperia B.V. 2017.
All rights reserved.
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 21 April 2017
Document identifier: BCW66x_SER
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................1
4
Quick reference data .......................................... 1
5
Pinning information ............................................ 2
6
Ordering information .......................................... 2
7
Marking .................................................................2
8
Limiting values ....................................................2
9
Thermal characteristics ......................................3
10
Electrical characteristics ....................................4
11
Test information ..................................................8
11.1
Quality information .............................................8
12
Package outline ...................................................9
13
Soldering ..............................................................9
14
Revision history ................................................ 10
15
Legal information ..............................................11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com