Electronic Components Datasheet Search
  English  ▼

X  

BCW66 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BCW66
Description  45 V, 800 mA NPN general-purpose transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW66 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BCW66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCW66 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Nexperia
BCW66 series
45 V, 800 mA NPN general-purpose transistor
BCW66x_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2017
13 / 14
Tables
Tab. 1.
Quick reference data .........................................1
Tab. 2.
Pinning ...............................................................2
Tab. 3.
Ordering information ..........................................2
Tab. 4.
Marking ..............................................................2
Tab. 5.
Limiting values .................................................. 2
Tab. 6.
Thermal characteristics ..................................... 3
Tab. 7.
Electrical characteristics ....................................4
Tab. 8.
............................................................................ 5
Tab. 9.
Package outline .................................................9
Tab. 10. Soldering ........................................................... 9
Tab. 11. Revision history ...............................................10
Figures
Fig. 1.
Power derating curve ........................................ 3
Fig. 2.
Transient thermal impedance from junction
to ambient as a function of pulse duration;
typical values .....................................................4
Fig. 3.
BCW66F: DC current gain as a function of
collector current; typical values ......................... 5
Fig. 4.
BCW66G: DC current gain as a function of
collector current; typical values ......................... 5
Fig. 5.
BCW66H: DC current gain as a function of
collector current; typical values ......................... 5
Fig. 6.
BCW66F: Base-emitter saturation voltage
as a function of collector current; typical
values ................................................................ 5
Fig. 7.
BCW66G: Base-emitter saturation voltage
as a function of collector current; typical
values ................................................................ 6
Fig. 8.
BCW66H: Base-emitter saturation voltage
as a function of collector current; typical
values ................................................................ 6
Fig. 9.
BCW66F:
Collector-emitter
saturation
voltage as a function of collector current;
typical values .....................................................6
Fig. 10.
BCW66G:
Collector-emitter
saturation
voltage as a function of collector current;
typical values .....................................................6
Fig. 11.
BCW66H:
Collector-emitter
saturation
voltage as a function of collector current;
typical values .....................................................7
Fig. 12.
BCW66F: Collector current as a function of
collector-emitter voltage; typical values .............7
Fig. 13.
BCW66G: Collector current as a function of
collector-emitter voltage; typical values .............8
Fig. 14.
BCW66H: Collector current as a function of
collector-emitter voltage; typical values .............8
Fig. 15.
Package outline TO-236 (SOT23) .....................9
Fig. 16.
Reflow soldering footprint for SOT23
(TO-236AB) ....................................................... 9
Fig. 17.
Wave soldering footprint for SOT23
(TO-236AB) ..................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com