Electronic Components Datasheet Search
  English  ▼

X  

70V06 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70V06
Description  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V06 Datasheet(HTML) 1 Page - Renesas Technology Corp

  70V06 Datasheet HTML 1Page - Renesas Technology Corp 70V06 Datasheet HTML 2Page - Renesas Technology Corp 70V06 Datasheet HTML 3Page - Renesas Technology Corp 70V06 Datasheet HTML 4Page - Renesas Technology Corp 70V06 Datasheet HTML 5Page - Renesas Technology Corp 70V06 Datasheet HTML 6Page - Renesas Technology Corp 70V06 Datasheet HTML 7Page - Renesas Technology Corp 70V06 Datasheet HTML 8Page - Renesas Technology Corp 70V06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
6.07
1
Feb.07.20
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A13L
A0L
2942 drw 01
I/O0L- I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
I/O0R-I/O7R
A13R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
14
14
R/WR
,
70V06L
HIGH-SPEED 3.3V
16K x 8 DUAL-PORT
STATIC RAM
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial: 15ns (max.)
– Industrial: 20ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT70V06L
Active: 380mW (typ.)
Standby: 660µW (typ.)
◆
◆
◆
◆
◆
IDT70V06 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
◆
◆
◆
◆
◆
M/S = VIH for BUSY output flag on Master
M/S = VIL for BUSY input on Slave
◆
◆
◆
◆
◆
Interrupt Flag
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
Battery backup operation—2V data retention
◆
◆
◆
◆
◆
TTL-compatible, single 3.3V (±0.3V) power supply
◆
◆
◆
◆
◆
Available in a 68-pin PLCC and a 64-pin TQFP
◆
◆
◆
◆
◆
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 70V06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V06L15GG IDT-70V06L15GG Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG IDT-70V06L15GG Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG8 IDT-70V06L15GG8 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG8 IDT-70V06L15GG8 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GGI IDT-70V06L15GGI Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com