Electronic Components Datasheet Search
  English  ▼

X  

70V06 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70V06
Description  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V06 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70V06 Datasheet HTML 9Page - Renesas Technology Corp 70V06 Datasheet HTML 10Page - Renesas Technology Corp 70V06 Datasheet HTML 11Page - Renesas Technology Corp 70V06 Datasheet HTML 12Page - Renesas Technology Corp 70V06 Datasheet HTML 13Page - Renesas Technology Corp 70V06 Datasheet HTML 14Page - Renesas Technology Corp 70V06 Datasheet HTML 15Page - Renesas Technology Corp 70V06 Datasheet HTML 16Page - Renesas Technology Corp 70V06 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
6.42
70V06L
High-Speed 3.3V 16K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
13
Feb.07.20
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6)
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to "Timing Waveform of Read With BUSY (M/S = VIH) or "Timing Waveform of Write With
Port-To-Port Delay (M/S=VIL)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited during contention.
5. To ensure that a write cycle is completed after contention.
6. "X" is part numbers indicates power rating (S or L).
70V06X15
Com'l Ony
70V06X20
Com'l
& Ind
70V06X25
Com'l
& Ind
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
BUSY TIMING (M/S = VIH
)
tBAA
BUSY Access Time from Address Match
____
15
____
20
____
20
ns
tBDA
BUSY Disable Time from Address Not Matched
____
15
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
15
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
15
____
17
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
18
____
30
____
30
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
17
____
ns
BUSY TIMING (M/S = VIL
)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
17
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
35
____
35
ns
2942 tbl 13a
70V06X35
Com'l Only
70V06X55
Com'l Only
Symbol
Parameter
Min.Max.Min.Max.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Access Time from Address Match
____
20
____
45
ns
tBDA
BUSY Disable Time from Address Not Matched
____
20
____
40
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
20
____
40
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
20
____
35
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
35
____
40
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
ns
BUSY TIMING (M/S = VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
45
____
65
ns
2942 tbl 13b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com