Electronic Components Datasheet Search
  English  ▼

X  

71V321 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 71V321
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V321 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 71V321 Datasheet HTML 6Page - Renesas Technology Corp 71V321 Datasheet HTML 7Page - Renesas Technology Corp 71V321 Datasheet HTML 8Page - Renesas Technology Corp 71V321 Datasheet HTML 9Page - Renesas Technology Corp 71V321 Datasheet HTML 10Page - Renesas Technology Corp 71V321 Datasheet HTML 11Page - Renesas Technology Corp 71V321 Datasheet HTML 12Page - Renesas Technology Corp 71V321 Datasheet HTML 13Page - Renesas Technology Corp 71V321 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
71V321L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
10
Timing Waveform of BUSY Arbitration Controlled by CE Timing(1)
Timing Waveform of BUSY Arbitration Controlled
by Address Match Timing(1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. IftAPSisnotsatisfied,theBUSYwillbeassertedononesideortheother,butthereisnoguaranteeonwhichsideBUSYwillbeasserted.
NOTES:
1. tWHmustbemetfor BUSYoutput71V321.
2. BUSYisassertedonport'B'blockingR/W'B',untilBUSY'B'goesHIGH.
3. Alltimingisthesamefortheleftandrightports.Port"A"maybeeithertheleftorrightport.Port"B"isoppositefromport"A".
Timing Waveform of Write with BUSY(3)
BUSY"B"
3026 drw 11
R/
W"A"
tWP
tWH
R/
W"B"
(2)
(1)
,
tAPS
(2)
ADDR
"A" AND "B"
ADDRESSES MATCH
tBAC
tBDC
CE"B"
CE"A"
BUSY"A"
3026 drw 12
BUSY"B"
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR"A"
ADDR"B"
tRC OR tWC
3026 drw 13
(2)
tBAA
tBDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com