Electronic Components Datasheet Search
  English  ▼

X  

71V321 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 71V321
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V321 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 71V321 Datasheet HTML 8Page - Renesas Technology Corp 71V321 Datasheet HTML 9Page - Renesas Technology Corp 71V321 Datasheet HTML 10Page - Renesas Technology Corp 71V321 Datasheet HTML 11Page - Renesas Technology Corp 71V321 Datasheet HTML 12Page - Renesas Technology Corp 71V321 Datasheet HTML 13Page - Renesas Technology Corp 71V321 Datasheet HTML 14Page - Renesas Technology Corp 71V321 Datasheet HTML 15Page - Renesas Technology Corp 71V321 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
6.42
71V321L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
12
Table III — Address BUSYArbitration
Table I — Non-Contention
Read/Write Control(4)
NOTES:
1. PinsBUSYLandBUSYR arebothoutputs. BUSYX outputsontheIDT71V321aretotem-
pole.
2. 'L'iftheinputstotheoppositeportwerestablepriortotheaddressandenableinputsofthis
port.'H'iftheinputstotheoppositeportbecamestableaftertheaddressandenableinputs
ofthisport.IftAPSisnotmet,eitherBUSYLorBUSYR =LOWwillresult.BUSYL andBUSYR
outputscannotbeLOWsimultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW
regardless of actual logic level on the pin. Writes to the right port are internally
ignored when BUSYR outputs are driving LOW regardless of actual logic level
on the pin.
Truth Tables
Table II — Interrupt Flag(1,4)
NOTES:
1. A0L – A10L
≠ A0R – A10R.
2. If BUSY = L, data is not written.
3. If BUSY = L, data may not be valid, see tWDD and tDDD timing.
4. 'H' = VIH, 'L' = VIL, 'X' = DON’T CARE, 'Z' = High-impedance.
NOTES:
1. Assumes BUSYL = BUSYR = VIH
2. If BUSYL = VIL, then No Change.
3. If BUSYR = VIL, then No Change.
4. 'H' = HIGH, 'L' = LOW, 'X' = DON’T CARE
Left Port
Right Port
Function
R/WL
CEL
OEL
A10L-A0L
INTL
R/WR
CER
OER
A10R-A0R
INTR
L
L
X
7FF
XXX
X
X
L(2)
Set Right INTR Flag
X
X
XXX
X
L
L
7FF
H(3)
Reset Right INTR Flag
XXX
X
L(3)
LL
X
7FE
X
Set Left INTL Flag
XL
L
7FE
H(2)
XX
X
X
X
Reset Left INTL Flag
3026 tbl 14
Inputs
Outputs
Function
CEL
CER
AOL-A10L
AOR-A10R
BUSYL(1)
BUSYR(1)
XX
NO MATCH
H
H
Normal
HX
MATCH
H
H
Normal
XH
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
3026 tbl 15
Left or Right Port(1)
R/W
CE
OE
D0-7
Function
XH
X
Z
Port Deselected and in Power-
Down Mode. ISB2 or ISB4
XH
X
Z
CER
= CEL = VIH, Power-Down Mode ISB1
or ISB3
LL
X
DATAIN
Data on Port Written Into Memory(2)
HL
L
DATAOUT
Data in Memory Output on Port(3)
H
L
H
Z
High-impedance Outputs
3026 tbl 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com