Electronic Components Datasheet Search
  English  ▼

X  

71V321 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 71V321
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V321 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 71V321 Datasheet HTML 8Page - Renesas Technology Corp 71V321 Datasheet HTML 9Page - Renesas Technology Corp 71V321 Datasheet HTML 10Page - Renesas Technology Corp 71V321 Datasheet HTML 11Page - Renesas Technology Corp 71V321 Datasheet HTML 12Page - Renesas Technology Corp 71V321 Datasheet HTML 13Page - Renesas Technology Corp 71V321 Datasheet HTML 14Page - Renesas Technology Corp 71V321 Datasheet HTML 15Page - Renesas Technology Corp 71V321 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
6.42
71V321L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
14
Ordering Information
NOTES:
1. Contact your sales office Industrial temperature range is available for selected speeds, packages and powers.
LEAD FINISH (SnPb) parts are Obsolete. Product Discontinuation Notice - PDN# SP-17-02
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
J
PF
TF
52-pin PLCC
64-pin TQFP
64-pin STQFP
25
35
XXXXX
Device
Type
Speed in nanoseconds
3026 drw 17
L
Low Power
71V321
16K (2K x 8-Bit) MASTER 3.3V Dual-Port RAM w/Interrupt
Commercial & Industrial
Commercial & Industrial
Blank
8
Tube of Tray
Tape and Reel
A
G
Green
A
(PLG52)
(PNG64)
(PPG64)
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
25
71V321L25JG
PLG52
PLCC
C
71V321L25JG8
PLG52
PLCC
C
71V321L25PFG
PNG64
TQFP
C
71V321L25PFG8
PNG64
TQFP
C
71V321L25PFGI
PNG64
TQFP
I
71V321L25PFGI8
PNG64
TQFP
I
71V321L25TFG
PPG64
TQFP
C
71V321L25TFG8
PPG64
TQFP
C
71V321L25TFGI
PPG64
TQFP
I
35
71V321L35JG
PLG52
PLCC
C
71V321L35JG8
PLG52
PLCC
C
71V321L35JGI
PLG52
PLCC
I
71V321L35JGI8
PLG52
PLCC
I
71V321L35PFGI
PNG64
TQFP
I
71V321L35PFGI8
PNG64
TQFP
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com